PART |
Description |
Maker |
CDLL3030B CDLL3030BUR-1 CDLL3040B CDLL3040BUR-1 CD |
20 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB 24 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB 3-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-TO-92 -40 to 85 1瓦稳压二极管 3-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 5-SC70 -40 to 85 1瓦稳压二极管 surface mount silicon Zener diodes 表面贴装硅稳压二极管 1 Watt Zener Diodes(1W齐纳二极 1瓦齐纳二极管W的齐纳二极管 8.192-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 1瓦稳压二极管 1 Watt Zener Diodes(1W齐纳二极 1瓦齐纳二极管1W的齐纳二极管 5-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 1瓦稳压二极管 Zener Voltage Regulator Diode 齐纳稳压二极 4.096-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 1瓦稳压二极管 3-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 125
|
Compensated Deuices Inc... Littelfuse, Inc. Analog Devices, Inc. Spansion, Inc. Kingbright, Corp. Microsemi, Corp. CDI-DIODE[Compensated Deuices Incorporated] Compensated Devices Incorporated
|
LT1634 LT1634ACS8-1.25 LT1634ACS8-2.5 LT1634ACS8-4 |
Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PDSO8 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PBCY3 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
NJU6624A NJU6624B |
1.2-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-TO-92 -40 to 85 1.2-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 125
|
New Japan Radio Co., Ltd.
|
LM4050EX3-25 LM4050EX3-21 LM4051EX3-12 LM4050EM3-5 |
50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown 50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.225 V, PDSO3 50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3 V, PDSO3 50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
|
http:// Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
AD1580ARTZ-REEL |
1.2 V Micropower, Precision Shunt Voltage Reference
|
Analog Devices
|
NJM2825 NJM2825F |
Precision Micropower Shunt Voltage Reference
|
New Japan Radio
|
LM404008 LM4040B LM4040B25H5TA LM4040B30H5TA LM404 |
Precision micropower shunt voltage references
|
Zetex Semiconductors
|
LM4040A50ILP LM4040A10IDCKR LM4040A10ILP LM4040A10 |
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
|
http://
|
AS4041 |
Precision Micropower 1.24V Shunt Voltage Reference
|
Sipex Corporation
|
AD1580BRT-REEL |
20-25mA; 1.2V; micropower, precision shunt voltage reference
|
Analog Devices
|
AQ4041EZ-M3-12-TRL AQ4041EZ-C5-12-TRL AQ4041EY-M3- |
Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
|
Acutechnology Semiconductor
|
MAX9051 MAX9039 MAX9041 MAX9052 MAX9042 MAX9053 MA |
4-Bit Binary Full Adders With Fast Carry 16-CFP -55 to 125 "SOT23, Micropower Comparator plus Precision 2.5V Refenece" " Micropower, Comparator and Reference in UCSP" "SOT23, Micropower Comparator plus Precision 2.048V Refenece" " SOT23, Micropower Comparator plus Precision 2.5V Refenece" "Dual, Micropower Comparator plus Precision 2.048V Refenece" Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|